Part Number Hot Search : 
5251B 2C100 LM317 CLL95XA C7410 ST13003 1652RE 01120
Product Description
Full Text Search
 

To Download TPSMB30AHE3-52T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpsmb6.8 thru tpsmb43a www.vishay.com vishay general semiconductor revision: 05-oct-12 1 document number: 88406 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount par ? transient voltage suppressors high temperature stability an d high reliability conditions typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. features ? junction passivation optimized design passivated anisotropic rectifier technology ?t j = 185 c capability suitable for high reliability and automotive requirement ? available in uni-directional polarity only ? 600 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 mechanical data case: do-214aa (smb) molding compound meets ul 94 v-0 flammability rating base p/nhe3 - rohs compliant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end polarity: color band denotes cathode end notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads at each terminal (3) measured on 8.3 ms single half sine-wave , or equivalent square wave, duty c ycle = 4 pulses per minute maximum primary characteristics v br 6.8 v to 43 v v wm 5.50 v to 36.8 v p ppm 600 w i fsm 75 a t j max. 185 c polarity uni-directional package do-214aa (smb) do-214aa ( s mb) maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol value unit peak pulse power dissipa tion with a 10/1000 s waveform (fig. 1) (1)(2) p ppm 600 w peak pulse current with a 10/ 1000 s wavefo rm (fig. 3) (1) i ppm see table next page a peak forward surge current 8. 3 ms single ha lf sine-wave (2)(3) i fsm 75 a maximum instantaneous forward voltage at 50 a (2)(3) v f 3.5 v operating junction and storage temperature range t j , t stg - 65 to + 185 c
tpsmb6.8 thru tpsmb43a www.vishay.com vishay general semiconductor revision: 05-oct-12 2 document number: 88406 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) v br measured after i t applied for 300 s, i t = square wave pu lse or equivalent (2) surge current waveform per fi g. 3 and derated per fig. 2 (3) all terms and symbols are cons istent with ansi/ieee c62.35 electrical characteristics (t a = 25 c, unless otherwise noted) device type device marking code breakdown voltage v br (1) at i t (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i r (a) maximum reverse leakage at v wm t j = 150 c i d (a) maximum peak pulse surge current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) min. max. tpsmb6.8 kdp 6.12 7.48 10 5.5 500 1000 55.6 10.8 tpsmb6.8a kep 6.45 7.14 10 5.8 500 1000 57.1 10.5 tpsmb7.5 kfp 6.75 8.25 10 6.05 250 500 51.3 11.7 tpsmb7.5a kgp 7.13 7.88 10 6.4 250 500 53.1 11.3 tpsmb8.2 khp 7.38 9.02 10 6.63 100 200 48 12.5 tpsmb8.2a kkp 7.79 8.61 10 7.02 100 200 49.6 12.1 tpsmb9.1 klp 8.19 10 1 7.37 25 50 43.5 13.8 tpsmb9.1a kmp 8.65 9.55 1 7.78 25 50 44.8 13.4 tpsmb10 knp 9 11 1 8.1 5 20 40 15 tpsmb10a kpp 9.5 10.5 1 8.55 5 20 41.4 14.5 tpsmb11 kqp 9.9 12.1 1 8.92 2 5 37 16.2 tpsmb11a krp 10.5 11.6 1 9.4 2 5 38.5 15.6 tpsmb12 ksp 10.8 13.2 1 9.72 2 5 34.7 17.3 tpsmb12a ktp 11.4 12.6 1 10.2 2 5 35.9 16.7 tpsmb13 kup 11.7 14.3 1 10.5 2 5 31.6 19 tpsmb13a kvp 12.4 13.7 1 11.1 2 5 33 18.2 tpsmb15 kwp 13.5 16.5 1 12.1 1 5 27.3 22 tpsmb15a kxp 14.3 15.8 1 12.8 1 5 28.3 21.2 tpsmb16 kyp 14.4 17.6 1 12.9 1 5 25.5 23.5 tpsmb16a kzp 15.2 16.8 1 13.6 1 5 26.7 22.5 tpsmb18 ldp 16.2 19.8 1 14.5 1 5 22.6 26.5 tpsmb18a lep 17.1 18.9 1 15.3 1 5 23.8 25.2 tpsmb20 lfp 18 22 1 16.2 1 5 20.6 29.1 tpsmb20a lgp 19 21 1 17.1 1 5 21.7 27.7 tpsmb22 lhp 19.8 24.2 1 17.8 1 5 18.8 31.9 tpsmb22a lkp 20.9 23.1 1 18.8 1 5 19.6 30.6 tpsmb24 llp 21.6 26.4 1 19.4 1 5 17.3 34.7 tpsmb24a lmp 22.8 25.2 1 20.5 1 5 18.1 33.2 tpsmb27 lnp 24.3 29.7 1 21.8 1 5 15.3 39.1 tpsmb27a lpp 25.7 28.4 1 23.1 1 5 16 37.5 tpsmb30 lqp 27 33 1 24.3 1 5 13.8 43.5 tpsmb30a lrp 28.5 31.5 1 25.6 1 5 14.5 41.4 tpsmb33 lsp 29.7 36.3 1 26.8 1 5 12.6 47.7 tpsmb33a ltp 31.4 34.7 1 28.2 1 5 13.1 45.7 tpsmb36 lup 32.4 39.6 1 29.1 1 5 11.5 52 tpsmb36a lvp 34.2 37.8 1 30.8 1 5 12 49.9 tpsmb39 lwp 35.1 42.9 1 31.6 1 5 10.6 56.4 tpsmb39a lxp 37.1 41 1 33.3 1 5 11.1 53.9 tpsmb43 lyp 38.7 47.3 1 34.8 1 5 9.7 61.9 tpsmb43a lzp 40.9 45.2 1 36.8 1 5 10.1 59.3
tpsmb6.8 thru tpsmb43a www.vishay.com vishay general semiconductor revision: 05-oct-12 3 document number: 88406 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) automotive grade ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical junction capacitance ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode tpsmb6.8ahe3/52t (1) 0.096 52t 750 7" diameter plastic tape and reel tpsmb6.8ahe3/5bt (1) 0.096 5bt 3200 13" diameter plastic tape and reel 0.1 1.0 10 100 non-repetiti v e p u lse wa v eform sho w n in fig. 3 t a = 25 c 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms p ppm - peak p u lse po w er (kw) t d - p u lse width (s) 0 50 100 100 75 50 25 0 150 200 t j - initial temperat u re (c) peak p u lse po w er (p pp ) or c u rrent (i pp ) derating in percentage, % 0 50 100 150 t r = 10 s peak val u e i ppm half val u e - i ppm i pp 2 t d 10/1000 s wa v eform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse width (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 10 100 1000 10 000 1 10 100 junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mvp-p v r meas u red at zero bias v r meas u red at stand-off voltage, v wm v br - breakdo w n voltage (v)
tpsmb6.8 thru tpsmb43a www.vishay.com vishay general semiconductor revision: 05-oct-12 4 document number: 88406 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum n on-repetitive/peak forward surge current package outline dimensions in inches (millimeters) 100 10 10 1 100 n u mber of cycles at 60 hz peak for w ard s u rge c u rrent (a) t j = t j max. 8 .3 ms single half sine-wa v e 0.160 (4.06) 0.1 8 0 (4.57) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.205 (5.21) 0.220 (5.59) 0 (0) 0.00 8 (0.2) 0.130 (3.30) 0.155 (3.94) 0.0 8 4 (2.13) 0.096 (2.44) 0.077 (1.95) 0.0 8 6 (2.20) cathode band do-214aa (smb) 0.0 8 5 (2.159) max. 0.220 ref. 0.0 8 6 (2.1 8 ) min. 0.060 (1.52) min. mounting pad layout
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TPSMB30AHE3-52T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X